PART |
Description |
Maker |
BA5810FM BA5810FP |
CD / CD-ROM 用ドライバIC CD / CD-ROM 槟????IC CD / CD-ROM 墨?楂どC CD / CD-ROM IC
|
ROHM[Rohm] Rohm CO.,LTD.
|
LC895127 LC895127K |
40× CD-ROM Decoder with SCSI Interface(带SCSI接口0倍CD-ROM译码 40 ×CD - ROM SCSI接口(带的SCSI接口0倍速的CD - ROM译码器解码器 40 x CD-ROM Decoder with SCSI Interface CMOS IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LC89517 LC89517K |
Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI 内置子码接口CD-ROM/CD-I纠错,大规模集成电路
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BH3527FV |
Line amplifier for CD-ROM/DVD-ROM
|
List of Unclassifed Man...
|
MSM66P56-XX MSM6656 |
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
|
OKI electronic componets OKI SEMICONDUCTOR CO., LTD.
|
LC895199K |
CD-ROM, CD-R/RW, DVD±R/RW Applications: 32 × ATAPI supporting version of LC895196 CMOS IC 32 CD-ROM Decoder with ATAPI (IDE) Interface
|
Sanyo Semicon Device
|
LA6505 |
For CD-ROM, DVD-ROM and MD players
|
Sanyo Semicon Device
|
S5L9250B |
The CD-ROM 48X 1 chip receives the input signal read from the CD-DA/VIDEO-CD/CD-ROM disc after handling by the RF amplifier.
|
Samsung semiconductor
|
ROMR0008 |
MultiMediaCard R0008 8 Mbyte ROM(多媒体卡 R0002 8 Mbyte ROM)
|
SIEMENS AG
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|